Part Number Hot Search : 
KBJ10D 300BZ 66TQC N80C51BH GC10212R KA7630 15P10GH 1ATETR
Product Description
Full Text Search
 

To Download GBLC03CI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gblc03i* thru gblc24ci* ultra low capacitance tvs array 1 05242.r3 2/07 www.protekdevices.com applications ? ethernet - 10/100/1000 base t ? cellular phones ? handheld - wireless systems ? personal digital assistant (pda) ? usb interface iec compatibility (en61000-4) ? 61000-4-2 (esd): air - 15kv, contact - 8kv ? 61000-4-4 (eft): 40a - 5/50ns ? 61000-4-5 (surge): 24a, 8/20s - level 2(line-gnd) & level 3(line-line) features ? 350 watts peak pulse power per line (tp=8/20s) ? unidirectional & bidirectional configurations ? replacement for mlv (0805) ? protects one power or i/o port ? esd protection > 40 kilovolts ? low clamping voltage ? available in multiple voltage types ranging from 3v to 24v ? ultra low capacitance: 0.6pf typical ? rohs compliant mechanical characteristics ? molded jedec sod-323 package ? weight 5 milligrams (approximate) ? available in lead-free pure-tin plating(annealed) ? solder reflow temperature: pure-tin - sn, 100: 260-270c ? consult factory for leaded device availability ? flammability rating ul 94v-0 ? 8mm tape and reel per eia standard 481 ? device marking: marking code & polarity band (unidirectional only) 05242 sod-323   unidirectional   bidirectional pin configurations *patent pending
gblc03i* thru gblc24ci* 2 05242.r3 2/07 www.protekdevices.com device characteristics operating temperature symbol v alue -55c to 150c c c -55c to 150c units t a t stg parameter storage temperature peak pulse power (t p = 8/20s) - see figure 1 p pp 350 watts maximum ratings @ 25c unless otherwise specified 0 5 10 15 20 25 30 t - time - s 0 20 40 60 80 100 120 i pp - peak pulse current - % of i pp test waveform parameters t f = 8s t d = 20s t f peak value i pp e -t t d = t i pp /2 figure 2 pulse wave form 0.1 1 10 100 1,000 10,00 0 t d - pulse duration - s 350w 8/20s waveform 10 100 1,000 10,000 p pp - peak pulse power - watts figure 1 peak pulse power vs pulse time note 1: part numbers with an additional ?c? suffix are bidirectional devices, i.e., gblc05 ci. note 2: unidirectional only: positive potential is applied from pin 2 to 1 or pin 3 to 4. part number (see notes 1-2) device marking minimum breakdown voltage @ 1ma v (br) volts maximum clamping voltage (see fig. 2) @ i p = 1a v c volts maximum clamping voltage (see fig. 2) @8/20s v c @ i pp typical capacitance 0v @ 1 mhz c pf gblc03i GBLC03CI gblc05i gblc05ci gblc08i gblc08ci gblc12i gblc12ci gblc15i gblc15ci gblc18i gblc18ci gblc24i gblc24ci c cc a ac b bc d dc e ec f fc h hc 4.0 4.0 6.0 6.0 8.5 8.5 13.3 13.3 16.7 16.7 20.0 20.0 26.7 26.7 5.15 5.15 9.8 9.8 13.4 13.4 19.0 19.0 24.0 24.0 29.0 29.0 43.0 43.0 13.9v @ 15.0a 13.9v @ 15.0a 18.3v @ 17.0a 18.3v @ 17.0a 18.5v @ 17.0a 18.5v @ 17.0a 28.6v @ 11.0a 28.6v @ 11.0a 31.8v @ 10.0a 31.8v @ 10.0a 45.0v @ 8.0a 45.0v @ 8.0a 56.0v @ 6.0a 56.0v @ 6.0a 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.6 maximum leakage current @v wm i d a 5 5 5 5 2 2 1 1 1 1 1 1 1 1 rated stand-off voltage v wm volts 3.0 3.0 5.0 5.0 8.0 8.0 12.0 12.0 15.0 15.0 18.0 18.0 24.0 24.0 electrical characteristics per line @ 25c unless otherwise specified
gblc03i* thru gblc24ci* 3 05242.r3 2/07 www.protekdevices.com sod-323 package outline & dimensions copyright ? prot ek devices 2007 specifications: protek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except jedec). design changes: protek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer?s and that in furnishing engineering and technical assistance, protek assumes no responsibility with respect to the s election or specifications of such products. protek devices 2929 south fair lane, tempe, az 85282 tel: 602-431-8101 fax: 602-431-2288 e-mail: sales@protekdevices.com web site: www.protekdevices.com tape & reel ordering nomenclature 1. surface mount product is taped and reeled in accordance with eia-481. 2. suffix-t7 = 7 inch reel - 3,000 pieces per 8mm tape, i.e., gblc05ci-t7. 3. suffix - lf = lead-free, pure-tin plating, i.e., gblc05ci-lf-t7.  

    

          !  
"#  $#
# %& # note: cathode band for unidirectional parts only tape & reel specifications (dimensions in millimeters) de p0 tmax fp2 w 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 p 4.00 0.10 0.25 a0 b0 k0 reel dia. tape width 178mm (7?) 8mm 1.55 0.10 2.90 0.10 1.35 0.10 outline & dimensions: rev 3 - 2/07, 06010 a b c d e f h l 1.60 1.15 2.39 0.92 0.25 0.10 - 0.20 1.90 1.45 2.70 1.10 0.40 0.20 0.10 - 0.063 0.045 0.094 0.033 0.010 0.004 - 0.008 0.075 0.057 0.106 0.043 0.016 0.008 0.004 - dim min max min max millimeters inches package dimensions notes 1. controlling dimensions in millimeters. 2. dimensions are exclusive of mold flash and metal burrs. package outline sod-323 package mounting pad '( )* +  *( ) ' +  *( ) ' +       , -


▲Up To Search▲   

 
Price & Availability of GBLC03CI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X